| Moteur de recherche de fiches techniques de composants électroniques |
|
PEMI6CSP/RT Fiches technique(PDF) 9 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
PEMI6CSP/RT Fiches technique(HTML) 9 Page - Nexperia B.V. All rights reserved |
|
9 / 17 page ![]() PEMIXCSP_FAM All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 2 — 27 January 2012 8 of 16 NXP Semiconductors PEMIxCSP family 4-, 6- and 8-channel passive filter network with ESD protection 9. Package outline Fig 11. Package outline PEMI4CSP (WLCSP10) wlcsp10_4-2-4_po European projection WLCSP10: wafer level chip-size package; 10 bumps (4-2-4) detail X A A2 A1 X A B C E D e2 e1 B2 B1 bump A1 index area e b 4 3 e3 2 1 1/2 e Table 7. Package outline dimensions of PEMI4CSP Symbol Min Typ Max Unit A 0.570.610.65mm A1 0.18 0.20 0.22 mm A2 0.39 0.41 0.43 mm b 0.210.260.31mm D 1.511.561.61mm E 1.001.051.10mm e- 0.4 - mm e1 -0.346 -mm e2 -0.692 -mm e3 -0.8 -mm |