| Moteur de recherche de fiches techniques de composants électroniques |
|
PEMIXCSP Fiches technique(PDF) 13 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
PEMIXCSP Fiches technique(HTML) 13 Page - Nexperia B.V. All rights reserved |
|
13 / 17 page ![]() PEMIXCSP_FAM All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 2 — 27 January 2012 12 of 16 NXP Semiconductors PEMIxCSP family 4-, 6- and 8-channel passive filter network with ESD protection The device is capable of withstanding at least three reflows of this profile. Fig 14. Pb-free solder reflow profile Table 12. Characteristics Symbol Parameter Conditions Min Typ Max Unit Treflow(peak) peak reflow temperature 230 - 260 C t1 time 1 soak time 60 - 180 s t2 time 2 time during T 250 C --30 s t3 time 3 time during T 230 C10 - 50 s t4 time 4 time during T > 217 C 30 - 150 s t5 time 5 - - 540 s dT/dt rate of change of temperature cooling rate - - 6 C/s pre-heat 2.5 - 4.0 C/s 001aai943 Treflow(peak) 250 230 217 T ( °C) cooling rate preheat t1 t5 t4 t3 t2 t (s) |