| Moteur de recherche de fiches techniques de composants électroniques |
|
AS80M1801 Fiches technique(PDF) 1 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
AS80M1801 Fiches technique(HTML) 1 Page - Alliance Semiconductor Corporation |
|
1 / 2 page ![]() AS80M1800/1801 EMI Reduction IC for Switching Power Supplies Notice: The information in this document is subject to change without notice. January 2003 ® Alliance Semiconductor 2575 Augustine Drvie • Santa Clara, CA 95054 • Tel: 408.855.4900 • Fax: 408.855.4999 • www.alsc.com Overview AS80M1800 and AS80M1801 are programmable spread spectrum frequency modulators designed for Switched Mode Power Supply (SMPS) applications. These devices work as companion ICs to the pulse width modulation (PWM) controller. As such, they can be used as a simple drop-in solution between the PWM controller and MOSFET to tackle most EMI problems in the SMPS. The AS80M1800 and AS80M1801 reduce electro- magnetic interference (EMI) by applying spread spectrum modulation to the PWM gate drive signal at the gate of the power MOSFET. Gate drive modulation significantly reduces the conducted and radiated emissions usually generated by di/dt and dv/dt switching in a SMPS. These are the first general purpose EMI reduction ICs specifically designed for use in SMPS systems. No other manufacturer to date has a device that can frequency modulate a PWM train and still maintain the input PWM content. They can be used in popular DC/DC converter, and AC/DC inverter and DC/AC inverters designs. Besides providing EMI reduction functionality, the AS80M1800 and AS80M1801 provide additional features that extend the capabilities of the power system. Simplified Application Diagram PWM Controller AS80M1800 AS80M1801 SS Modulated Gate Drive Current Sense PWM_in Current Sense Vout I_peak MOSFET Sense Resistor From Regulated Output Boost/Flyback configuration |
Numéro de pièce similaire - AS80M1801 |
|
Description similaire - AS80M1801 |