Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PESD3USB3S Fiches technique(PDF) 3 Page - Nexperia B.V. All rights reserved

No de pièce PESD3USB3S
Description  ESD protection for differential data lines
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESD3USB3S Fiches technique(HTML) 3 Page - Nexperia B.V. All rights reserved

  PESD3USB3S Datasheet HTML 1Page - Nexperia B.V. All rights reserved PESD3USB3S Datasheet HTML 2Page - Nexperia B.V. All rights reserved PESD3USB3S Datasheet HTML 3Page - Nexperia B.V. All rights reserved PESD3USB3S Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESD3USB3S Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESD3USB3S Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESD3USB3S Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESD3USB3S Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESD3USB3S Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Nexperia
PESDxUSB3S series
ESD protection for differential data lines
3. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
PESD1USB3S
WLCSP5
wafer level chip-size package; 5 bumps (2-1-2)
PESD2USB3S
WLCSP10
wafer level chip-size package; 10 bumps (4-2-4)
PESD3USB3S
WLCSP15
wafer level chip-size package; 15 bumps (6-3-6)
4. Marking
Table 4. Marking codes
Type number
Marking code
PESD1USB3S
PD1S
PESD2USB3S
PD2S
PESD3USB3S
PD3S
5. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VI
input voltage
-0.5
5
V
IEC 61000-4-2, level 4; all
input pins to ground
contact discharge
-15
15
kV
air discharge
-15
15
kV
IEC 61000-4-2, level 4; all
output pins to ground
contact discharge
-2
2
kV
VESD
electrostatic discharge
voltage
air discharge
-2
2
kV
IPPM
rated peak-pulse
current
tp = 8/20 μs
-8
8
A
Tstg
storage temperature
-40
+125
°C
Tamb
ambient temperature
-40
+125
°C
PESDXUSB3S_SER
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 4 — 30 January 2019
3 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com