Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PESD3USB30 Fiches technique(PDF) 14 Page - Nexperia B.V. All rights reserved

No de pièce PESD3USB30
Description  ESD protection for differential data lines
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESD3USB30 Fiches technique(HTML) 14 Page - Nexperia B.V. All rights reserved

Back Button PESD3USB30 Datasheet HTML 10Page - Nexperia B.V. All rights reserved PESD3USB30 Datasheet HTML 11Page - Nexperia B.V. All rights reserved PESD3USB30 Datasheet HTML 12Page - Nexperia B.V. All rights reserved PESD3USB30 Datasheet HTML 13Page - Nexperia B.V. All rights reserved PESD3USB30 Datasheet HTML 14Page - Nexperia B.V. All rights reserved PESD3USB30 Datasheet HTML 15Page - Nexperia B.V. All rights reserved PESD3USB30 Datasheet HTML 16Page - Nexperia B.V. All rights reserved PESD3USB30 Datasheet HTML 17Page - Nexperia B.V. All rights reserved PESD3USB30 Datasheet HTML 18Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
PESDXUSB30_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2016. All rights reserved.
Product data sheet
Rev. 2 — 26 April 2016
14 of 19
Nexperia
PESDxUSB30 series
ESD protection for differential data lines
9.
Soldering
Fig 18. Soldering footprint WLCSP5 (PESD1USB30)
WLCSP5: Solder footprint and stencil aperture
PESD1USB30
pesd1usb30_fr
solder resist opening (SR)
occupied area
solder land plus solder paste
solder paste deposit (SP)
solder land (SL)
Dimensions in mm
SR
P
0.25
0.325
Hx
1.00
SL
0.25
SP
0.40
16-01-19
Hy
1.40
SL = SP
SR
detail X
see
detail X
P
P
Hx
Hy
recommend stencil thickness: 0.1 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19