| Moteur de recherche de fiches techniques de composants électroniques |
|
74LVC2T45GS-Q100 Fiches technique(PDF) 13 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
74LVC2T45GS-Q100 Fiches technique(HTML) 13 Page - Nexperia B.V. All rights reserved |
|
13 / 30 page ![]() Nexperia 74LVC2T45-Q100; 74LVCH2T45-Q100 Dual supply translating transceiver; 3-state VCC(B) 1.5 V ± 0.1 V 1.8 V ± 0.15 V 2.5 V ± 0.2 V 3.3 V ± 0.3 V 5.0 V ± 0.5 V Symbol Parameter Conditions Min Max Min Max Min Max Min Max Min Max Unit VCC(A) = 4.5 V to 5.5 V A to B 1.9 18.3 1.7 16.7 0.9 8.3 0.6 6.0 0.4 4.3 ns tPLH LOW to HIGH propagation delay B to A 1.4 11.6 1.2 7.5 0.9 5.3 0.6 4.9 0.4 4.3 ns A to B 2.0 16.9 1.6 13.5 0.9 6.9 0.6 5.0 0.4 3.9 ns tPHL HIGH to LOW propagation delay B to A 1.5 11.9 1.5 7.7 0.8 5.1 0.6 4.4 0.4 3.9 ns DIR to A 1.5 6.0 1.5 6.0 1.5 6.0 1.5 6.0 1.5 6.0 ns tPHZ HIGH to OFF-state propagation delay DIR to B 2.6 19.1 2.6 17.8 2.0 10.7 2.4 8.8 2.2 6.3 ns DIR to A 1.2 4.1 1.2 4.1 1.1 4.1 0.9 4.1 0.8 4.1 ns tPLZ LOW to OFF-state propagation delay DIR to B 2.0 14.5 2.1 13.4 1.7 8.2 2.0 7.7 1.6 5.0 ns DIR to A [1] - 26.1 - 20.9 - 13.5 - 12.6 - 9.3 ns tPZH OFF-state to HIGH propagation delay DIR to B [1] - 22.4 - 20.8 - 12.4 - 10.1 - 8.4 ns DIR to A [1] - 31.0 - 25.5 - 15.8 - 13.2 - 10.2 ns tPZL OFF-state to LOW propagation delay DIR to B [1] - 22.9 - 19.5 - 12.9 - 11.0 - 9.9 ns [1] tPZH and tPZL are calculated values using the formula shown in Section 13.4. 74LVC_LVCH2T45_Q100 All information provided in this document is subject to legal disclaimers. © Nexperia B.V. 2019. All rights reserved Product data sheet Rev. 3 — 28 January 2019 13 / 30 |