Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT17F080-30JC Fiches technique(PDF) 5 Page - ATMEL Corporation

No de pièce AT17F080-30JC
Description  FPGA CONFIGURATION FLASH MEMORY
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17F080-30JC Fiches technique(HTML) 5 Page - ATMEL Corporation

  AT17F080-30JC Datasheet HTML 1Page - ATMEL Corporation AT17F080-30JC Datasheet HTML 2Page - ATMEL Corporation AT17F080-30JC Datasheet HTML 3Page - ATMEL Corporation AT17F080-30JC Datasheet HTML 4Page - ATMEL Corporation AT17F080-30JC Datasheet HTML 5Page - ATMEL Corporation AT17F080-30JC Datasheet HTML 6Page - ATMEL Corporation AT17F080-30JC Datasheet HTML 7Page - ATMEL Corporation AT17F080-30JC Datasheet HTML 8Page - ATMEL Corporation AT17F080-30JC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
3039I–CNFG–2/05
AT17F040/080
5.
Pin Description
5.1
DATA(1)
Three-state DATA output for configuration. Open-collector bi-directional pin for programming.
5.2
CLK(1)
Clock input. Used to increment the internal address and bit counter for reading and
programming.
5.3
PAGE_EN(2)
Input used to enable page download mode. When PAGE_EN is high the configuration download
address space is partitioned into 4 equal pages. This gives users the ability to easily store and
retrieve multiple configuration bitstreams from a single configuration device. This input works in
conjunction with the PAGESEL inputs. PAGE_EN must be remain low if paging is not desired.
When SER_EN is Low (ISP mode) this pin has no effect.
Notes:
1. This pin has an internal 20 K
Ω pull-up resistor.
2. This pin has an internal 30 K
Ω pull-down resistor.
Table 5-1.
Pin Description
Name
I/O
AT17F040
AT17F080
8
LAP
20
PLCC
20 PLCC
(Virtex)
8
LAP
20
PLCC
44
PLCC
44
TQFP
DATA
I/O
121
122
40
CLK
I
243
245
43
PAGE_EN
I
–16–
–16139
PAGESEL0
I
–
11
–
–
11
20
14
PAGESEL1
I
–
7
–
–
7
25
19
RESET/
OE
I
368
36
19
13
CE
I
4
8104
821
15
GND
–
510
11510
24
18
CEO
O
614
13614
27
21
A2
I
READY
O
–15
15–15
29
23
SER_EN
I
7
17
18717
41
35
VCC
–
8
20
20820
44
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19