Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ARM7 Fiches technique(PDF) 35 Page - NXP Semiconductors

No de pièce ARM7
Description  Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ARM7 Fiches technique(HTML) 35 Page - NXP Semiconductors

Back Button ARM7 Datasheet HTML 30Page - NXP Semiconductors ARM7 Datasheet HTML 31Page - NXP Semiconductors ARM7 Datasheet HTML 32Page - NXP Semiconductors ARM7 Datasheet HTML 33Page - NXP Semiconductors ARM7 Datasheet HTML 34Page - NXP Semiconductors ARM7 Datasheet HTML 35Page - NXP Semiconductors ARM7 Datasheet HTML 36Page - NXP Semiconductors ARM7 Datasheet HTML 37Page - NXP Semiconductors ARM7 Datasheet HTML 38Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
9397 750 14985
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Preliminary data sheet
Rev. 01 — 3 October 2005
35 of 38
Philips Semiconductors
LPC2141/42/44/46/48
Single-chip 16-bit/32-bit microcontrollers
12. Abbreviations
Table 9:
Acronym list
Acronym
Description
ADC
Analog-to-Digital Converter
BOD
Brown-Out Detection
CPU
Central Processing Unit
DAC
Digital-to-Analog Converter
DCC
Debug Communications Channel
DMA
Direct Memory Access
FIFO
First In, First Out
GPIO
General Purpose Input/Output
PLL
Phase-Locked Loop
POR
Power-On Reset
PWM
Pulse Width Modulator
RAM
Random Access Memory
SPI
Serial Peripheral Interface
SRAM
Static Random Access Memory
SSP
Synchronous Serial Port
UART
Universal Asynchronous Receiver/Transmitter
USB
Universal Serial Bus
VPB
VLSI Peripheral Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38