| Moteur de recherche de fiches techniques de composants électroniques |
|
L9929 Fiches technique(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9929 Fiches technique(HTML) 19 Page - STMicroelectronics |
|
19 / 23 page ![]() 19/23 L9929 8 APPENDIX B Figure 19. Voltage Supply of SPI-Logic and EN/DI-Logic SPI- Logic EN/DI- Logic Undervoltage on VBatt DMS SO SI SCK SS EN DI VBatt DMS = GND EN/DI-Logic is supplied from internal VCC DMS = VCC EN/DI-Logic is supplied from DMS (OR int. VCC) Output- Stage Failure and Status Output Stage Status EN/DI internal Vcc |