| Moteur de recherche de fiches techniques de composants électroniques |
|
05200033 Fiches technique(PDF) 1 Page - Testo SE & Co. KGaA |
|
|
|||||||||||||||||||||||||||||
05200033 Fiches technique(HTML) 1 Page - Testo SE & Co. KGaA |
|
1 / 8 page ![]() %RH m/s hPa ppm CO 2 Lux Measurement of all VAC-relevant parameters: flow velocity, temperature, humidity, pressure, light intensity, radiant heat, degree of turbulence, CO 2, PMV/PPD and WBGT index High-quality, digital probes and intelligent calibration concept Highly accurate, integrated differential pressure sensor Fast and professional report creation via PC software „EasyClimate“ Integrated, guided measurement programs: – VAC grid measurement according to EN 12599 – PMV/PPD measurement according to ISO 7730 – degree of turbulence measurement according to EN 13779 – WBGT-measurement based on ISO 7243 / DIN 33403 Multi-function VAC measuring instrument testo 480 – Cutting-edge technology for professionals °C We measure it. With the testo 480, you record, analylze and document all VAC-relevant parameters with only one instrument. The multi-function VAC measuring instrument stands out above all thanks to its accuracy and practice-oriented handling. testo 480 supports assessors, consultants, technical service providers or service technicians in the ventilation and air conditioning field. Measurement tasks such as the standardized adjustment of VAC systems in office, residential and industrial buildings can be carried out quickly and efficiently. In addition to this, you test the relevant quality parameters for your production and processing systems reliably and precisely – thanks to the measuring instrument's comprehensive probe range specially tailored to industrial requirements. The multi-function VAC measuring instrument is equipped with intelligent, digital probes which are calibrated independently of the hand-held instrument. www.testo.com testo-480-P01 22.10.2014 11:33 Seite 1 |
Numéro de pièce similaire - 05200033 |
|
Description similaire - 05200033 |