| Moteur de recherche de fiches techniques de composants électroniques |
|
05200084 Fiches technique(PDF) 1 Page - Testo SE & Co. KGaA |
|
|
|||||||||||||||||||||||||||||
05200084 Fiches technique(HTML) 1 Page - Testo SE & Co. KGaA |
|
1 / 4 page ![]() testo 324 www.testo.com Data sheet All measurements for gas and water pipes in one instrument High-resolution colour graphic display Simple menu structure Easy operation thanks to single-hose connection Case with gas-feed appliance Integrated pressure set-up up to 300 mbar Highly accurate sensors DVGW-compliant measurement results Pressure and leakage measuring instrument testo 324 – Pressure and leakage measurement on gas and water pipes In the course of years, gas and water systems can become untight. For this reason, according to the legal requirements of DVGW, ÖVGW and UNI, all pipes and valves must be regularly checked for functional safety and tightness, also when new adjustments or significant changes are made. With the testo 324, not only can load and tightness tests be carried out exactly and easily, but also the important servicability test. Only a test under real conditions shows whether all pipes and valves are working properly. The testo 324 is a digital measuring instrument of the newest generation. A flow-through sensor, an absolute pressure sensor and two pressure sensors offer the highest level of accuracy. Developed specially for professional applications in everyday work, all relevant elements for the measurement are combined in one instrument case. Thanks to the fact that gas is fed into the system, the development of a dangerous gas-air mixture is avoided. DVGW-G-5952- tested. hPa mbar bar psi l/h °C |
Numéro de pièce similaire - 05200084 |
|
Description similaire - 05200084 |