Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

05200033 Fiches technique(PDF) 1 Page - Testo SE & Co. KGaA

No de pièce 05200033
Description  Multi-function measuring instrument
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TESTO [Testo SE & Co. KGaA]
Site Internet  https://www.testo.com/en-US/
Logo TESTO - Testo SE & Co. KGaA

05200033 Fiches technique(HTML) 1 Page - Testo SE & Co. KGaA

  05200033 Datasheet HTML 1Page - Testo SE & Co. KGaA 05200033 Datasheet HTML 2Page - Testo SE & Co. KGaA 05200033 Datasheet HTML 3Page - Testo SE & Co. KGaA 05200033 Datasheet HTML 4Page - Testo SE & Co. KGaA 05200033 Datasheet HTML 5Page - Testo SE & Co. KGaA 05200033 Datasheet HTML 6Page - Testo SE & Co. KGaA 05200033 Datasheet HTML 7Page - Testo SE & Co. KGaA 05200033 Datasheet HTML 8Page - Testo SE & Co. KGaA  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Large selection of probes (optional):
IAQ probe for evaluating Indoor Air Quality
Thermal probes with integrated temperature and air
humidity measurement
Vane and hot wire probes
Integrated differential pressure probe for Pitot tube
measurement (see versions)
Wireless probe for temperature and humidity (see versions)
Easy operation with user profiles
PC software for the analysis, archiving and documentation
of measurement data (see versions)
Multi-function
measuring instrument
testo 435 – The allrounder for
ventilation and indoor air quality
°C
%RH
m/s
hPa
ppm
CO
2
Lux
All HVAC measurement parameters
The multi-function measuring instrument testo 435 is your
reliable partner for analyzing Indoor Air Quality. Indoor Air
Quality has a crucial influence on the well-being of humans
at their workplaces, and is also a determining and important
factor in storage and production processes.
In addition to this, the Indoor Air Quality signals whether the
HVAC system is working at optimum energy level, or needs
to be adjusted using the testo 435. The parameters CO
2,
relative humidity and room temperature are available for the
evaluation of Indoor Air Quality.
In addition to this, absolute pressure, draught, Lux, U-value
and surface temperature can be measured. For the
determination of volume flow, you can use all possiblities
for the measurement of flow velocity – such as thermal
probes, vanes and Pitot tubes.
The right instrument for every application
The new testo 435 is available in four versions. Depending
on the application, you can choose from versions with built-
in differential pressure measurement as well as versions
with additional instrument functions such as instrument
memory, PC software and an extended range of probes.
www.testo.com
We measure it.
testo-435-P01
06.08.2013
14:30
Seite 1


Numéro de pièce similaire - 05200033

FabricantNo de pièceFiches techniqueDescription
logo
Testo SE & Co. KGaA
05200033 TESTO-05200033 Datasheet
1Mb / 8P
Multi-function VAC measuring instrument
More results

Description similaire - 05200033

FabricantNo de pièceFiches techniqueDescription
logo
PHOENIX CONTACT
2901366 PHOENIX-2901366 Datasheet
71Kb / 5P
Measuring instrument - EEM-MA600
logo
WALSIN TECHNOLOGY CORPO...
TTU25 WALSIN-TTU25 Datasheet
1Mb / 11P
Measuring instrument
logo
Testo SE & Co. KGaA
TESTO460 TESTO-TESTO460 Datasheet
287Kb / 2P
rpm measuring instrument
TESTO635 TESTO-TESTO635 Datasheet
1Mb / 8P
Humidity/temperature measuring instrument
TESTO480 TESTO-TESTO480 Datasheet
1Mb / 8P
Multi-function VAC measuring instrument
logo
PHOENIX CONTACT
2907955 PHOENIX-2907955 Datasheet
284Kb / 12P
Measuring instrument - EEM-MB371
Jun 7, 2022
2907983 PHOENIX-2907983 Datasheet
357Kb / 14P
Measuring instrument - EEM-MA370
Jun 7, 2022
2908590 PHOENIX-2908590 Datasheet
329Kb / 9P
Measuring instrument - EEM-EM377
Jun 10, 2022
2908578 PHOENIX-2908578 Datasheet
309Kb / 9P
Measuring instrument - EEM-EM355
Jun 10, 2022
2908586 PHOENIX-2908586 Datasheet
328Kb / 8P
Measuring instrument - EEM-EM327
Jun 10, 2022
More results


Html Pages

1 2 3 4 5 6 7 8