| Moteur de recherche de fiches techniques de composants électroniques |
|
05200076 Fiches technique(PDF) 1 Page - Testo SE & Co. KGaA |
|
|
|||||||||||||||||||||||||||||
05200076 Fiches technique(HTML) 1 Page - Testo SE & Co. KGaA |
|
1 / 2 page ![]() testo 622 www.testo.com Data sheet Precise measurement of temperature, humidity and pressure All important values directly at a glance Large, easily legible display Adjustable calibration reminder function (optional) Humidity/temperature/pressure measuring instrument testo 622 – Fast and precise ambient climate monitoring °C %RH hPa In addition to temperature and humidity, the testo 622 also measures pressure, making it ideal for indoor climate monitoring. It shows the current measurement values as well as date and time in a large, clear display. It thus provides all important values at a glance. Especially in laboratories, the testo 622 is suitable for monitoring ambient conditions during calibrations or when setting up experiments. Thanks to the long-term stable sensor, the measuring instrument provides reliable and correct measurement results even after years. The hanging and standing bracket allows flexible positioning of the instrument on a table or wall. |
Numéro de pièce similaire - 05200076 |
|
Description similaire - 05200076 |