Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M68AW128ML55ZB1 Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce M68AW128ML55ZB1
Description  2 Mbit (128K x16) 3.0V Asynchronous SRAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AW128ML55ZB1 Fiches technique(HTML) 2 Page - STMicroelectronics

  M68AW128ML55ZB1 Datasheet HTML 1Page - STMicroelectronics M68AW128ML55ZB1 Datasheet HTML 2Page - STMicroelectronics M68AW128ML55ZB1 Datasheet HTML 3Page - STMicroelectronics M68AW128ML55ZB1 Datasheet HTML 4Page - STMicroelectronics M68AW128ML55ZB1 Datasheet HTML 5Page - STMicroelectronics M68AW128ML55ZB1 Datasheet HTML 6Page - STMicroelectronics M68AW128ML55ZB1 Datasheet HTML 7Page - STMicroelectronics M68AW128ML55ZB1 Datasheet HTML 8Page - STMicroelectronics M68AW128ML55ZB1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
M68AW128ML
2/20
TABLE OF CONTENTS
SUMMARY DESCRIPTION. . . . . . . . . . . . . . . . . . . . . .... . . . .... . . . . . . . . ... .. .. .. . . . . . ... . . 3
Figure 2. Logic Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .... . . . ... .. . ... 3
Table 1. Signal Names . . . . . . . . . . . . . . . . . . . . . . . . . .... ... .. . . . . ... . . . . . . . . . . ... . . . ..3
Figure 3. TSOP Connections. . . . . . . . . . . . . . . . . . . . . .... ... .. . . . . ... . . . . . . . . . . ... . . . ..4
Figure 4. TFBGA Connections (Top view through package). . . . . . . . . . . . . . . . . . . . . . . .... ... . 5
Figure 5. Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
MAXIMUM RATING. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .... . . . . . . . . . ... . . . . . . . . . ... ..... . 6
Table 2. Absolute Maximum Ratings. . . . . . . . . . . . . . . .... ... .. . . . . ... . . . . . . . . . . ... ... ..6
DC AND AC PARAMETERS. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Table 3. Operating and AC Measurement Conditions. . .... . . . . . . . . . ... . . . . . . . . . ... ..... . 7
Figure 6. AC Measurement I/O Waveform . . . . . . . . . . . . . . . . . . . . . . . ... .. .. . . . . .. . . .. . ... 7
Figure 7. AC Measurement Load Circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Table 4. Capacitance. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .... . . . ... .. . ... 8
Table 5. DC Characteristics.... .. . . . ... ... ... .. . ... . . . . . . ... ... .. . . . ... . . . ... .. . ... 8
OPERATION . . . ... . . . . . . ... ... .. . . . ... ... ... .. . ... . . . . . . ... ... .. . . . ... ... ... .. . ... 9
Table 6. Operating Modes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .... ... .... ... . 9
Read Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 8. Address Controlled, Read Mode AC Waveforms. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 9. Chip Enable or Output Enable Controlled, Read Mode AC Waveforms. . . . . . . . . . . . . . 10
Figure 10. Chip Enable or UB/LB Controlled, Standby Mode AC Waveforms . . . . . . . . . . . ..... 10
Table 7. Read and Standby Mode AC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Write Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 11. Write Enable Controlled, Write AC Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 12. Chip Enable Controlled, Write AC Waveforms. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 13. UB/LB Controlled, Write AC Waveforms . . . .... . . . . . . . . . ... . . . . . . . . . ... ..... 13
Table 8. Write Mode AC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 14. Low VCC Data Retention AC Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Table 9. Low VCC Data Retention Characteristics. . . . . . . . . . . . . . . . . . ... .. .. . . . . .. . . .. . . . 15
PACKAGE MECHANICAL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
TSOP44 Type II - 44 lead Plastic Thin Small Outline Type II, Package Outline .... . . . ... .. . . . 16
TSOP 44 Type II - 44 lead Plastic Thin Small Outline Type II, Package Mechanical Data . . . . . . . 16
TFBGA48 6x8mm - 6x8 active ball array, 0.75 mm pitch, Bottom View Package Outline. . . . . . . . 17
TFBGA48 6x8mm - 6x8 active ball array, 0.75 mm pitch, Package Mechanical Data . . . . . . . . . . 17
PART NUMBERING . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .... . . . ... .. . . . 18
Table 12. Ordering Information Scheme . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
REVISION HISTORY. .... . . . . . . . . ... .. . . . . . . . . . ... . ... ... . . . . . . . . ... .. . . . . . . . . . ... .19
Table 13. Document Revision History . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20