| Moteur de recherche de fiches techniques de composants électroniques |
|
PCI6421 Fiches technique(PDF) 28 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PCI6421 Fiches technique(HTML) 28 Page - Texas Instruments |
|
28 / 204 page ![]() 2−8 Table 2−1. Signal Names by GHK Terminal Number (Continued) TERMINAL SIGNAL NAME TERMINAL SIGNAL NAME TERMINAL NUMBER CardBus PC Card 16-Bit PC Card TERMINAL NUMBER CardBus PC Card 16-Bit PC Card R19 RSVD RSVD V06 AD18 AD18 T01 GRST GRST V07 FRAME FRAME T02 GNT GNT V08 PERR PERR T03 RI_OUT/PME RI_OUT/PME V09 AD15 AD15 T17 VSSPLL VSSPLL V10 AD11 AD11 T18 VDPLL_15 VDPLL_15 V11 AD7 AD7 T19 RSVD RSVD V12 AD3 AD3 U01 REQ REQ V13 RSVD RSVD U02 AD31 AD31 V14 RSVD RSVD U03 AD28 AD28 V15 RSVD RSVD U04 AD25 AD25 V16 RSVD RSVD U05 AD22 AD22 V17 AVDD AVDD U06 AD17 AD17 V18 RSVD RSVD U07 IRDY IRDY V19 VDPLL_33 VDPLL_33 U08 SERR SERR W02 AD27 AD27 U09 AD14 AD14 W03 VCCP VCCP U10 AD10 AD10 W04 C/BE3 C/BE3 U11 AD6 AD6 W05 IDSEL IDSEL U12 AD2 AD2 W06 AD19 AD19 U13 RSVD RSVD W07 C/BE2 C/BE2 U14 AGND AGND W08 STOP STOP U15 RSVD RSVD W09 C/BE1 C/BE1 U16 AGND AGND W10 VCCP VCCP U17 RSVD RSVD W11 C/BE0 C/BE0 U18 RSVD RSVD W12 AD4 AD4 U19 RSVD RSVD W13 AD0 AD0 V01 AD30 AD30 W14 RSVD RSVD V02 AD29 AD29 W15 RSVD RSVD V03 AD26 AD26 W16 RSVD RSVD V04 AD24 AD24 W17 NC NC V05 AD23 AD23 W18 RSVD RSVD |