Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HPC-DEV-WDBC Fiches technique(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce HPC-DEV-WDBC
Description  High-Performance Communications MicroController
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

HPC-DEV-WDBC Fiches technique(HTML) 7 Page - National Semiconductor (TI)

Back Button HPC-DEV-WDBC Datasheet HTML 3Page - National Semiconductor (TI) HPC-DEV-WDBC Datasheet HTML 4Page - National Semiconductor (TI) HPC-DEV-WDBC Datasheet HTML 5Page - National Semiconductor (TI) HPC-DEV-WDBC Datasheet HTML 6Page - National Semiconductor (TI) HPC-DEV-WDBC Datasheet HTML 7Page - National Semiconductor (TI) HPC-DEV-WDBC Datasheet HTML 8Page - National Semiconductor (TI) HPC-DEV-WDBC Datasheet HTML 9Page - National Semiconductor (TI) HPC-DEV-WDBC Datasheet HTML 10Page - National Semiconductor (TI) HPC-DEV-WDBC Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Timing Waveforms (Continued)
Timing Diagrams for TX Using External Enable
TLDD10422 – 12
Symbol
Parameter
Min
Max
Units
TETE
Hold of TEN Low after HCK Rising Edge
5
ns
TLTE
Setup of TEN Rising Edge before HCK Rising Edge
85
ns
TVTE
Delay of TX Output Valid after TEN Rising Edge
40
ns
TVTC
Delay of TX Output Valid after HCK Rising Edge
65
ns
THTE
Hold of TEN High after HCK Falling Edge
60
ns
TSTE
Setup of TEN Falling Edge before HCK Falling Edge
20
ns
TTTE
Delay of TX Output TRI-STATE after TEN Falling Edge
40
ns
TVTR
TVTC in Rate Adaptation Mode
75
ns
Timing Diagrams for RX Using External Enable
TLDD10422 – 13
Symbol
Parameter
Min
Max
Units
TERE
Hold of REN Low after HCK Rising Edge
5
ns
TLRE
Setup of REN Rising Edge before HCK Falling Edge
30
ns
TVRS
Setup of RX Data Input Valid before HCK Falling Edge
20
ns
TVRH
Hold of RX Data Input Valid after HCK Falling Edge
20
ns
THRE
Hold of REN High after HCK Rising Edge
5
ns
TSRE
Setup of REN Falling Edge before HCK Falling Edge
30
ns
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30