Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

83C196KB Fiches technique(PDF) 5 Page - Intel Corporation

No de pièce 83C196KB
Description  COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

83C196KB Fiches technique(HTML) 5 Page - Intel Corporation

  83C196KB Datasheet HTML 1Page - Intel Corporation 83C196KB Datasheet HTML 2Page - Intel Corporation 83C196KB Datasheet HTML 3Page - Intel Corporation 83C196KB Datasheet HTML 4Page - Intel Corporation 83C196KB Datasheet HTML 5Page - Intel Corporation 83C196KB Datasheet HTML 6Page - Intel Corporation 83C196KB Datasheet HTML 7Page - Intel Corporation 83C196KB Datasheet HTML 8Page - Intel Corporation 83C196KB Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
8XC196KB/8XC196KB16
270909–4
NOTE
:
N.C. means No Connect (do not connect these pins).
Figure 4. 80-Pin QFP Package
NOTE
:
The above pin out diagram applies to the OTP (87C196KB) device. The OTP device uses all of the programming pins shown
above. The ROM (83C196KB) device only uses programming pins: AINC, PALE, PMODE.n, and PROG. The ROMless
(80C196KB) doesn’t use any of the programming pins.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22