Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM6090ACT Fiches technique(PDF) 10 Page - Shenzhen TOPWAY Technology Co., Ltd

No de pièce LM6090ACT
Description  LCD Module User Manual
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Site Internet  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM6090ACT Fiches technique(HTML) 10 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LM6090ACT Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM6090ACT Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM6090ACT Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM6090ACT Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM6090ACT Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM6090ACT Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM6090ACT Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LM6090ACT Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd LM6090ACT Datasheet HTML 11Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TOPWAY
LCD Module User Manual
LM6090ACT
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM6090ACT-Manual-Rev0.1.DOC
Page: 10 of 11
4.6 Display Commands (continue)
Code
Function
No.
Instructions
Electronic volume mode set
0 1 0 1 0 0 0 0 0 0
1
Set reference voltage mode
18
Electronic volume register set 0 1 0 * * Electronic Control
value
Set reference voltage register
(Display contrast value)
0 1 0 1 0 1 0 1 1 0
S
19
Sleep Mode Set
0 1 0 0 0 0 0 0 0 0
0
Sleep Mode (2 byte command)
S=0, sleep mode
S=1, normal mode
0 1 0 1 1 1 1 1 0 0
0
20
Booster Ratio Set
0 1 0 0 0 0 0 0 0
Ratio
Booster Ratio (2 byte command)
Ratio=00, 2x, 3x, 4x
Ratio=01, 5x
Ratio=11, 6x
21
NOP
0 1 0 1 1 1 0 0 0 1
1
Non-operation command
Note:
*1. Do not use any other command not listed, or the system malfunction may result.
*2. For the details of the Display Commands, please refer to ST7567 data sheet.
4.6.1 Power off the LCD Module
It recommends that enter Sleep Mode before power off the LCD module.
4.6.2 Refreshing The LCD Module
It recommends that the operating modes and display contents be refreshed periodically to prevent
the effect of unexpected noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11