| Moteur de recherche de fiches techniques de composants électroniques |
|
HCF4555B Fiches technique(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCF4555B Fiches technique(HTML) 6 Page - STMicroelectronics |
|
6 / 10 page ![]() HCF4555B 6/10 1 OF 16 DECODER USING HCF4555B AND HCF4556B TEST CIRCUIT CL = 50pF or equivalent (includes jig and probe capacitance) RL = 200KΩ RT = ZOUT of pulse generator (typically 50Ω) TRUTH TABLE INPUTS Q OUTPUTS E DCBA 0 1234 567 89 10 11 12 13 14 15 00 0001 0000 000 0000 0000 00 0010 1000 000 0000 0000 00 0100 0100 000 0000 0000 00 0110 0010 000 0000 0000 00 1000 0001 000 0000 0000 00 1010 0000 100 0000 0000 00 1100 0000 010 0000 0000 00 1110 0000 001 0000 0000 01 0000 0000 000 1000 0000 01 0010 0000 000 0100 0000 01 0100 0000 000 0010 0000 01 0110 0000 000 0001 0000 01 1000 0000 000 0000 1000 01 1010 0000 000 0000 0100 01 1100 0000 000 0000 0010 01 1110 0000 000 0000 0001 1 X X X X 0 0000 000 0000 0000 |