| Moteur de recherche de fiches techniques de composants électroniques |
|
68HC705JB3 Fiches technique(PDF) 53 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
68HC705JB3 Fiches technique(HTML) 53 Page - Freescale Semiconductor, Inc |
|
53 / 134 page ![]() November 5, 1998 GENERAL RELEASE SPECIFICATION MC68HC05JB3 MULTI-FUNCTION TIMER MOTOROLA REV 1 8-1 SECTION 8 MULTI-FUNCTION TIMER The Multi-Function Timer (or Core Timer) module is a 15-stage ripple counter with Timer Over Flow (CTOF), Real Time Interrupt (RTI), and COP Watchdog function. Figure 8-1. Multi-Function Timer Block Diagram COP Watchdog RTI Select Circuit Overflow Circuit Detect 88 fOP÷2 2 ÷210 Internal Timer Clock (NTF1) CTOF RTIF CTOFE RTIE RT1 RT0 RTIFR CTOFR Timer Control & Status Register ($08) Timer Counter Register ($09) Interrupt Circuit Resetable Timer (÷8) 7-bit counter MCU Internal Bus to CPU interrupt ÷214 ÷215 ÷217 ÷216 ÷4 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |