Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5379ABC Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD5379ABC
Description  40-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage-Output DAC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5379ABC Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD5379ABC Datasheet HTML 3Page - Analog Devices AD5379ABC Datasheet HTML 4Page - Analog Devices AD5379ABC Datasheet HTML 5Page - Analog Devices AD5379ABC Datasheet HTML 6Page - Analog Devices AD5379ABC Datasheet HTML 7Page - Analog Devices AD5379ABC Datasheet HTML 8Page - Analog Devices AD5379ABC Datasheet HTML 9Page - Analog Devices AD5379ABC Datasheet HTML 10Page - Analog Devices AD5379ABC Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD5379
Rev. 0 | Page 7 of 28
BUSY
LDAC1
VOUT1
DIN
SCLK
LDAC2
VOUT2
CLR
VOUT
1LDAC ACTIVE DURING BUSY
2LDAC ACTIVE AFTER BUSY
RESET
VOUT
BUSY
SYNC
t10
t11
t6
t4
t7
t8 t9
DB23
DB0
t3
t1
1
2
24
24
t2
t5
t12
t13
t14
t17
t13
t16
t18
t19
t25
t19
t26
t17
t15
Figure 4. Serial Interface Timing Diagram (Standalone Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28