Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P568-010-2A Fiches technique(PDF) 1 Page - Tripp Lite. All Rights Reserved

No de pièce P568-010-2A
Description  High-Speed HDMI 2.0a Cable with Gripping Connectors - 4K, 60 Hz, 4:4:4, M/M, Black, 10 ft.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRIPPLITE [Tripp Lite. All Rights Reserved]
Site Internet  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P568-010-2A Fiches technique(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P568-010-2A Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P568-010-2A Datasheet HTML 2Page - Tripp Lite. All Rights Reserved P568-010-2A Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
High-Speed HDMI 2.0a Cable with Gripping
Connectors - 4K, 60 Hz, 4:4:4, M/M, Black, 10 ft.
MODEL NUMBER: P568-010-2A
High-speed 4K HDMI cable connects your laptop or tablet to an HDTV, monitor or projector for crystal-
clear 4K video with 4:4:4 color.
Features
4K HDMI 2.0a Cable Connects Home Theater or Digital Signage Audio/Video Components
This high-speed HDMI 2.0a cable securely connects HDMI-enabled laptops, tablets, PCs, Blu-ray players,
game consoles or satellite/cable TV boxes to HDTVs, HD monitors, projectors or home theater receivers.
Gripping HDMI connectors on both ends help ensure components stay firmly attached to avoid viewing
interruptions. The 10-foot length allows you great flexibility in placing your home theater components.
Enjoy the Clarity of True 4K HDMI 2.0a Video with Multi-Channel Audio and 4:4:4 Color
This Tripp Lite 4K HDMI cable provides a pure digital connection that supports Ultra HD video resolutions
up to 3840 x 2160 (4K x 2K) at 60 Hz for crystal-clear picture and sound. It’s compatible with HDCP 2.2
and HDMI 2.0a standards for carrying HDR (high dynamic range) signals. It also supports 4:4:4 chroma
subsampling for top-level PC gaming or using your HDTV as a PC monitor. The cable is backward
compatible with previous HDMI generations, allowing you to use it to connect lower-resolution
components.
Avoid Signal Disruptions with Extra-Secure Gripping HDMI Connectors
Having a cable come loose accidentally can cause A/V signal loss right as the running back scrambles for
the end zone or your avatar is surrounded by zombies. These specially designed HDMI connectors firmly
grip the HDMI ports on your equipment to help prevent accidental disconnection and signal disruption.
With greater port retention than typical HDMI connectors, the gripping connectors resist vibrations that can
loosen connections over time. This is especially helpful for ensuring components stay attached in difficult-
to-access installations.
Invest in Quality Construction for Reliable Performance
High-quality materials ensure outstanding performance throughout the cable’s lifetime. Contacts and
connectors are gold-plated to resist corrosion. Double shielding reduces line noise (EMI/RFI) that can
disrupt signals traveling through the HDMI cord.
Highlights
Delivers UHD picture quality at
resolutions up to 3840 x 2160
(4K x 2K) @ 60 Hz
q
High-grip HDMI plugs maintain
constant A/V signal without
accidental disconnections
q
Supports 4:4:4 chroma
subsampling for HDR-
compatible televisions
q
10 ft. length allows great
flexibility in setting up devices in
your home theater
q
Plug-and-play operation with no
software required for easy,
immediate installation
q
Applications
Watch 4K video content from a
Blu-ray player, game console,
laptop or tablet on an Ultra HD
television, monitor or projector
q
Connect a Chromebook or
MacBook to a conference
table’s A/V box to give a video
presentation on a large screen
q
Play online or PC video games
that display optimal graphics
q
Attach an HDTV to your PC for
use as a 4K monitor
q
Combine with an Apple digital
A/V adapter to support iPad2
video mirroring
q
Send Ultra HD content to digital
signs or point-of-sale displays
q
Package Includes
P568-010-2A High-Speed HDMI
2.0a Cable with Gripping
q
1 / 3


Numéro de pièce similaire - P568-010-2A

FabricantNo de pièceFiches techniqueDescription
logo
Tripp Lite. All Rights ...
P568-010-BK-GRP TRIPPLITE-P568-010-BK-GRP Datasheet
167Kb / 3P
High-Speed HDMI Cable, 10 ft., with Gripping Connectors - 4K, M/M, Black
P568-010-BL TRIPPLITE-P568-010-BL Datasheet
164Kb / 3P
High-Speed HDMI Cable with Digital Video and Audio, Ultra HD 4K x 2K (M/M), Blue, 10 ft.
P568-010-FL TRIPPLITE-P568-010-FL Datasheet
157Kb / 2P
High Speed HDMI Flat Cable, Ultra HD 4K x 2K, Digital Video with Audio (M/M), Black, 10-ft.
P568-010-GN TRIPPLITE-P568-010-GN Datasheet
162Kb / 3P
High-Speed HDMI Cable with Digital Video and Audio, Ultra HD 4K x 2K (M/M), Green, 10 ft.
P568-010-RD TRIPPLITE-P568-010-RD Datasheet
165Kb / 3P
High-Speed HDMI Cable with Digital Video and Audio, Ultra HD 4K x 2K (M/M), Red, 10 ft.
More results

Description similaire - P568-010-2A

FabricantNo de pièceFiches techniqueDescription
logo
Tripp Lite. All Rights ...
P568-01M-2A TRIPPLITE-P568-01M-2A Datasheet
165Kb / 3P
High-Speed HDMI 2.0a Cable with Gripping Connectors - 4K, 60 Hz, 4:4:4, M/M, Black, 1 m
P568-02M-2A TRIPPLITE-P568-02M-2A Datasheet
165Kb / 3P
High-Speed HDMI 2.0a Cable with Gripping Connectors - 4K, 60 Hz, 4:4:4, M/M, Black, 2 m
P568-003-2A TRIPPLITE-P568-003-2A Datasheet
165Kb / 3P
High-Speed HDMI 2.0a Cable with Gripping Connectors - 4K, 60 Hz, 4:4:4, M/M, Black, 3 ft.
P568-03M-2A TRIPPLITE-P568-03M-2A Datasheet
165Kb / 3P
High-Speed HDMI 2.0a Cable with Gripping Connectors - 4K, 60 Hz, 4:4:4, M/M, Black, 3 m
P568-006-2A TRIPPLITE-P568-006-2A Datasheet
165Kb / 3P
High-Speed HDMI 2.0a Cable with Gripping Connectors - 4K, 60 Hz, 4:4:4, M/M, Black, 6 ft.
P569-010-2B-MF TRIPPLITE-P569-010-2B-MF Datasheet
165Kb / 3P
High-Speed HDMI 2.0b Extension Cable, Gripping Connector - 4K Ethernet, 60 Hz, 4:4:4, M/F, 10 ft. (3 m)
P568-010-BK-GRP TRIPPLITE-P568-010-BK-GRP Datasheet
167Kb / 3P
High-Speed HDMI Cable, 10 ft., with Gripping Connectors - 4K, M/M, Black
P568-015-2A TRIPPLITE-P568-015-2A Datasheet
165Kb / 3P
High-Speed HDMI 2.0a Cable with Gripping Connectors - 4K, 60 Hz, 4:4:4, M/M, Black, 15 ft.
P568-025-2A TRIPPLITE-P568-025-2A Datasheet
164Kb / 3P
High-Speed HDMI 2.0a Cable - 4K, 60 Hz, 4:4:4, M/M, Black, 25 ft.
P569-003-2B-MF TRIPPLITE-P569-003-2B-MF Datasheet
164Kb / 3P
High-Speed HDMI 2.0b Extension Cable, Gripping Connector - 4K Ethernet, 60 Hz, 4:4:4, M/F, 3 ft. (1 m)
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com