Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CMD246C4 Fiches technique(PDF) 2 Page - Custom MMIC Design Services, Inc.

No de pièce CMD246C4
Description  8-22 GHz Low Phase Noise Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MMIC [Custom MMIC Design Services, Inc.]
Site Internet  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD246C4 Fiches technique(HTML) 2 Page - Custom MMIC Design Services, Inc.

  CMD246C4 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD246C4 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD246C4 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD246C4 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD246C4 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD246C4 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD246C4 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD246C4 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD246C4 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
CMD246C4
8-22 GHz Low Phase Noise Amplifier
ver 1.2 1017
Parameter
Min
Typ
Max
Units
Vdd
3.0
5.0
7.0
V
Idd
48
mA
Vgg
0
3.0
4.0
V
Operation of this device outside the maximum
ratings may cause permanent damage.
Electrical performance is measured at specific
test conditions. Electrical specifications are not
guaranteed over all recommended operating con-
ditions.
Absolute Maximum Ratings
Recommended Operating Conditions
Electrical Specifications – Vdd = 5.0 V, Vgg = 3.0 V, TA = 25
oC
Specifications
Parameter
Rating
Drain Voltage, Vdd
8.0 V
RF Input Power
+15 dBm
Channel Temperature, Tch
150 °C
Power Dissipation, Pdiss
422 mW
Thermal Resistance
154 °C/W
Operating Temperature
-40 to 85 °C
Storage Temperature
-55 to 150 °C
Gate Voltage, Vgg
5.0 V
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Frequency Range
8 – 16
16 – 22
GHz
Gain
14
17
21
14
18
21
dB
Noise Figure
5
6
dB
Input Return Loss
10
10
dB
Output Return Loss
8
12
dB
Output P1dB
10
17
6
12
dBm
Saturated Output Power
20
15
dBm
Output IP3
25
24
dBm
Phase Noise @ 10 kHz Offset
-165
-165
dBc/Hz
Supply Current
33
48
63
33
48
63
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com