Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP23S08 Fiches technique(PDF) 17 Page - Microchip Technology

No de pièce MCP23S08
Description  8-Bit I/O Expander with Serial Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23S08 Fiches technique(HTML) 17 Page - Microchip Technology

Back Button MCP23S08 Datasheet HTML 13Page - Microchip Technology MCP23S08 Datasheet HTML 14Page - Microchip Technology MCP23S08 Datasheet HTML 15Page - Microchip Technology MCP23S08 Datasheet HTML 16Page - Microchip Technology MCP23S08 Datasheet HTML 17Page - Microchip Technology MCP23S08 Datasheet HTML 18Page - Microchip Technology MCP23S08 Datasheet HTML 19Page - Microchip Technology MCP23S08 Datasheet HTML 20Page - Microchip Technology MCP23S08 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
© 2005 Microchip Technology Inc.
DS21919B-page 17
MCP23008/MCP23S08
1.6.10
PORT (GPIO) REGISTER
The GPIO register reflects the value on the port.
Reading from this register reads the port. Writing to this
register modifies the Output Latch (OLAT) register.
REGISTER 1-10:
GPIO – GENERAL PURPOSE I/O PORT REGISTER (ADDR 0x09)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
GP7
GP6
GP5
GP4
GP3
GP2
GP1
GP0
bit 7
bit 0
bit 7-0
GP7:GP0: These bits reflect the logic level on the pins <7:0>.
1
= Logic-high.
0
= Logic-low.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40