Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSC6162JI1B-B Fiches technique(PDF) 13 Page - Microchip Technology

No de pièce DSC6162JI1B-B
Description  Ultra-Small, Ultra-Low Power MEMS Oscillator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC6162JI1B-B Fiches technique(HTML) 13 Page - Microchip Technology

Back Button DSC6162JI1B-B Datasheet HTML 9Page - Microchip Technology DSC6162JI1B-B Datasheet HTML 10Page - Microchip Technology DSC6162JI1B-B Datasheet HTML 11Page - Microchip Technology DSC6162JI1B-B Datasheet HTML 12Page - Microchip Technology DSC6162JI1B-B Datasheet HTML 13Page - Microchip Technology DSC6162JI1B-B Datasheet HTML 14Page - Microchip Technology DSC6162JI1B-B Datasheet HTML 15Page - Microchip Technology DSC6162JI1B-B Datasheet HTML 16Page - Microchip Technology DSC6162JI1B-B Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
 2019 Microchip Technology Inc.
DS20006155A-page 13
DSC61XXB
0.07
C A B
0.03
C
(DATUM B)
(DATUM A)
C
SEATING
PLANE
NOTE 1
12
N
TOP VIEW
SIDE VIEW
BOTTOM VIEW
NOTE 1
12
N
0.10 C
0.08 C
Microchip Technology Drawing C04-1200A Sheet 1 of 2
4X
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
4-Lead Very Thin Fine Pitch Land Grid Array (ASA) - 2.0x1.6 mm Body [VFLGA]
D
E
B
A
0.05 C
0.05 C
2X
2X
4X L
b2
e
CH
CH
A
(A3)
A1
e1
e1
2
3X b1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24