| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8811 Fiches technique(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8811 Fiches technique(HTML) 13 Page - NXP Semiconductors |
|
13 / 73 page ![]() 2004 May 17 13 Philips Semiconductors Product specification 80 × 128 pixels matrix LCD driver PCF8811 9.1.3 FEATURES AVAILABLE IN BOTH COMMAND SETS 9.1.3.1 Mirror X (MX) The MX bit allows horizontal mirroring: when MX = 1 the X address space is mirrored; the address X = 0 is then located at the right side (X max) of the display (see Fig.8). When MX = 0 the mirroring is disabled and the address X = 0 is located at the left side (column 0) of the display (see Fig.9). handbook, full pagewidth MGW739 MSB LSB MSB LSB Fig.7 RAM byte organisation, if DOR = 1 (extended command set). handbook, full pagewidth MGW740 0 Y max 0 X max X address Y address Fig.8 RAM format addressing (MX = 1) (both command sets). |