| Moteur de recherche de fiches techniques de composants électroniques |
|
CAT310 Fiches technique(PDF) 8 Page - Catalyst Semiconductor |
|
|
|||||||||||||||||||||||||||||
CAT310 Fiches technique(HTML) 8 Page - Catalyst Semiconductor |
|
8 / 10 page ![]() CAT310 © 2005 Catalyst Semiconductor, Inc. 8 Doc No. 25087, Rev. 00 Characteristics subject to change without notice APPLICATION INFORMATION For applications with a large number of LEDs, several CAT310 drivers can be daisy chained. The serial data output pin (SOUT) of the first driver is connected to the second driver data input pin (SIN). This sequence is repeated until the last driver is linked. All drivers are controlled by the same clock signal. Figure 1 shows an example with three CAT310 devices driving a total of 30 LEDs in parallel. The controller transmits the serial data sequentially through the CAT310 devices. For N drivers connected in cascade, after 10 x N clock pulses, the data are latched with one single XLAT transition. Figure 1. Daisy Chain Application Diagram |