Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSC6162JL1B-T Fiches technique(PDF) 14 Page - Microchip Technology

No de pièce DSC6162JL1B-T
Description  Ultra-Small, Ultra-Low Power MEMS Oscillator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC6162JL1B-T Fiches technique(HTML) 14 Page - Microchip Technology

Back Button DSC6162JL1B-T Datasheet HTML 10Page - Microchip Technology DSC6162JL1B-T Datasheet HTML 11Page - Microchip Technology DSC6162JL1B-T Datasheet HTML 12Page - Microchip Technology DSC6162JL1B-T Datasheet HTML 13Page - Microchip Technology DSC6162JL1B-T Datasheet HTML 14Page - Microchip Technology DSC6162JL1B-T Datasheet HTML 15Page - Microchip Technology DSC6162JL1B-T Datasheet HTML 16Page - Microchip Technology DSC6162JL1B-T Datasheet HTML 17Page - Microchip Technology DSC6162JL1B-T Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
DSC61XXB
DS20006155A-page 14
 2019 Microchip Technology Inc.
Microchip Technology Drawing C04-1200A Sheet 2 of 2
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
1.
2.
3.
Notes:
Pin 1 visual index feature may vary, but must be located within the hatched area.
Package is saw singulated
Dimensioning and tolerancing per ASME Y14.5M
4-Lead Very Thin Fine Pitch Land Grid Array (ASA) - 2.0x1.6 mm Body [VFLGA]
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Number of Terminals
Overall Height
Overall Width
Terminal Length
Substrate Thickness (with Terminals)
Terminal Pitch
Standoff
Units
Dimension Limits
A1
A
b2
A3
e
L
E
N
1.55 BSC
0.20 REF
0.40
0.50
0.79
0.00
0.55
0.45
0.84
0.02
1.60 BSC
MILLIMETERS
MIN
NOM
6
0.50
0.60
0.89
0.05
MAX
CH
0.15
--
Terminal 1 Index Chamfer
Overall Length
D
2.00 BSC
Terminal Width
b1
0.30
0.35
0.40
Terminal Width
Terminal Pitch
e1
0.95 BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24