| Moteur de recherche de fiches techniques de composants électroniques |
|
05200213 Fiches technique(PDF) 1 Page - Testo SE & Co. KGaA |
|
|
|||||||||||||||||||||||||||||
05200213 Fiches technique(HTML) 1 Page - Testo SE & Co. KGaA |
|
1 / 4 page ![]() Display of temperature and relative humidity / Wet Bulb temperature / dewpoint Min./max. values Hold-button for fixing measurement value Display illumination Auto-off function TopSafe, protection of instrument against dirt and impact Humidity/temperature measuring instrument testo 625 – Long-term stable and compact %RH °C The testo 625 is a compact instrument with an integrated humidity probe head for the measurement of air humidity and temperature. The large two-line display quickly and reliably shows humidity, Wet Bulb temperature or dewpoint, as well as temperature. For measurements in difficult-to-access places, the humidity probe head can simply be removed and plugged onto the handle with a probe cable (accessory); alternatively, the measurement values can be transferred wirelesly from the probe to the measuring instrument over large distances. For this purpose, the humidity probe head is plugged onto the wireless handle (accessory), and the testo 625 is equipped with the radio module (accessory). www.testo.com We measure it. testo-625-P01 12.07.2013 07:58 Seite 1 |
Numéro de pièce similaire - 05200213 |
|
Description similaire - 05200213 |