| Moteur de recherche de fiches techniques de composants électroniques |
|
TDC-GPX2 Fiches technique(PDF) 4 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
TDC-GPX2 Fiches technique(HTML) 4 Page - ams AG |
|
4 / 77 page ![]() Page 4 ams Datasheet Document Feedback [v1-03] 2017-Dec-18 TDC-GPX2 − Pin Assignments The TDC-GPX2 is shipped in QFN64 or QFP64 plastic packages with the following pin assignment. Pin Diagram Figure 4: Pin Diagram of TDC-GPX2 Pin Assignments DGND TVDD33 TGND TVDD18 CVDD18 CGND RGND CVDD18O TVDD18O DVDD18O RVDD33 DVDD18 DVDD33 DGND LCLKOUTP LCLKOUTN TVDD33 TGND TVDD18 REFOSCI REFOSCO PARITY INTERRUPT SSN SCK MOSI MISO DVDD18 DVDD33 DGND LCLKINP LCLKINN TDC-GPX2 48 49 33 32 16 17 64 1 |