| Moteur de recherche de fiches techniques de composants électroniques |
|
05200095 Fiches technique(PDF) 1 Page - Testo SE & Co. KGaA |
|
|
|||||||||||||||||||||||||||||
05200095 Fiches technique(HTML) 1 Page - Testo SE & Co. KGaA |
|
1 / 2 page ![]() The testo 510 is very handy, small and easy to operate. It measures differential pressure in a range of 0 to 40 inH2O. The differential pressure measurement is temperature- compensated for accurate measurement values which can be displayed in Inches of Water Column over the entire measurement range. Magnets on the back of the 510 permit free-hand work. The backlit display allows the measurement values to be easily read out, even in unfavorable light conditions. The testo 510, in combination with an optional Pitot tube, measures air flow velocity. For accurate measurement values, the air density can be compensated. inH2O / hPa Differential pressure measuring instrument testo 510 – Pocket-sized digital manometer Differential pressure measurement 0 to 40 inH2O Flow velocity measurement possible with Pitot tube Temperature and air density compensation Backlit LED Display 10 selectable units of measure Includes silicone hoses www.testo.com Data sheet testo 510 f/m m/s |
Numéro de pièce similaire - 05200095 |
|
Description similaire - 05200095 |