Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSC12X2 Fiches technique(PDF) 22 Page - Microchip Technology

No de pièce DSC12X2
Description  High Performance Differential MEMS Oscillators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC12X2 Fiches technique(HTML) 22 Page - Microchip Technology

Back Button DSC12X2 Datasheet HTML 18Page - Microchip Technology DSC12X2 Datasheet HTML 19Page - Microchip Technology DSC12X2 Datasheet HTML 20Page - Microchip Technology DSC12X2 Datasheet HTML 21Page - Microchip Technology DSC12X2 Datasheet HTML 22Page - Microchip Technology DSC12X2 Datasheet HTML 23Page - Microchip Technology DSC12X2 Datasheet HTML 24Page - Microchip Technology DSC12X2 Datasheet HTML 25Page - Microchip Technology DSC12X2 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
DSC12X2/3/4
DS20006011A-page 22
 2019 Microchip Technology Inc.
RECOMMENDED LAND PATTERN
Dimension Limits
Units
X1
Contact Pad Width (X4)
Contact Pitch
MILLIMETERS
1.05 BSC
MIN
E
MAX
1.00
Contact Pad Length (X6)
Contact Pad Width (X2)
Y
X2
0.85
Microchip Technology Drawing C04-3007A
NOM
6-Lead Very Thin Plastic Dual Flatpack No-Lead (H5A) - 3.2x2.5 mm Body [VDFN]
SILK SCREEN
12
6
C
Contact Pad Spacing
1.60
Space Between Contacts (X4)
G1
0.25
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
1.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
C
E
X1
Y
X2
G
0.60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32