Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDZD36 Fiches technique(PDF) 1 Page - First Silicon Co., Ltd

No de pièce FDZD36
Description  Surface Mount Zener Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FS [First Silicon Co., Ltd]
Site Internet  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDZD36 Fiches technique(HTML) 1 Page - First Silicon Co., Ltd

  FDZD36 Datasheet HTML 1Page - First Silicon Co., Ltd FDZD36 Datasheet HTML 2Page - First Silicon Co., Ltd FDZD36 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2011.05. 23
1/3
SEMICONDUCTOR
TECHNICAL D ATA
FDZD2.4 ~ FDZD51
Revision No : 0
Surface Mount Zener Diodes
*
500mw Power Dissipation
* Ideal for Surface Mountted Application
* Case : SOD-123 Molded plastic
Mechanical Data:
Features:
* Zener Breakdown Voltage Range 2.4V to 51V
* Terminals: Solderable per MIL-STD-202, Method 208
* Polarity: Cathode Indicated by Polarity Band
* Marking: Marking Code (See Table on Page 2)
* Weigh: 0.01grams(approx)
SOD-123
1
2
Maximum Ratings and Electrical Characteristics
Characteristics
Symbol
Unit
Thermal Resistance Junction to Ambient Air
Forward Voltage @ IF=10mA
Junction and Storage Temperature Range
V
℃/W
NOTES:
1. Device mounted on ceramic PCB; 7.6mm 9.4mm 0.87mm with pad areas 25mm
℃
R JA
(1)
(1)
PD
VF
Tj,TSTG
Value
00
0
5
305
0.9
mW
(Ta=25℃ Unless Otherwise Noted)
Equivalent Circuit Diagram
1
2
Cathode
Anode
Total Power Dissipation on FR-5 Board
2
* Pb-Free package is available
O
0
0
0.1
0.3
0.4
0.5
0.6
25
50
75
100
125
150
0.2
Ratings and Characteristic curves
T ,AMBIENT TEMPERATURE( C)
FIG. 1 Power Disspation vs Ambient temperaute
A
-55 to +150
* ESD Rating of Class 3 (>16kV) per Human Body Model
* AEC-Q101 qualified


Numéro de pièce similaire - FDZD36

FabricantNo de pièceFiches techniqueDescription
logo
LEMO Connectors
FDZ.T7.675.CTA01C LEMO-FDZ.T7.675.CTA01C Datasheet
69Kb / 3P
Plug - Fixed
FDZ.T7.675.CTA01S LEMO-FDZ.T7.675.CTA01S Datasheet
68Kb / 3P
Plug - Fixed
FDZ.T7.675.CTA02C LEMO-FDZ.T7.675.CTA02C Datasheet
62Kb / 3P
Plug - Fixed
FDZ.T7.675.CTA03C LEMO-FDZ.T7.675.CTA03C Datasheet
62Kb / 3P
Plug - Fixed
FDZ.T7.675.CTA04C LEMO-FDZ.T7.675.CTA04C Datasheet
62Kb / 3P
Plug - Fixed
More results

Description similaire - FDZD36

FabricantNo de pièceFiches techniqueDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
Surface Mount Zener Diodes
logo
Pan Jit International I...
AZ23C5V6P PANJIT-AZ23C5V6P Datasheet
262Kb / 3P
SURFACE MOUNT ZENER DIODES
ZMM55-C2V4 PANJIT-ZMM55-C2V4_09 Datasheet
99Kb / 4P
SURFACE MOUNT ZENER DIODES
ZMM5221B PANJIT-ZMM5221B_09 Datasheet
102Kb / 4P
SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
MM9D2V4 WEITRON-MM9D2V4 Datasheet
499Kb / 3P
Surface Mount Zener Diodes
SMB5921B WEITRON-SMB5921B Datasheet
81Kb / 2P
Surface Mount Zener Diodes
logo
Guangdong Juxing Electr...
SMZJ3788B JUXING-SMZJ3788B Datasheet
595Kb / 2P
Surface Mount Zener Diodes
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com