Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDS222 Fiches technique(PDF) 3 Page - First Silicon Co., Ltd

No de pièce FDS222
Description  Common Cathode Silicon Dual Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FS [First Silicon Co., Ltd]
Site Internet  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDS222 Fiches technique(HTML) 3 Page - First Silicon Co., Ltd

  FDS222 Datasheet HTML 1Page - First Silicon Co., Ltd FDS222 Datasheet HTML 2Page - First Silicon Co., Ltd FDS222 Datasheet HTML 3Page - First Silicon Co., Ltd FDS222 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NOTES:
1.DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2.CONTROLLING DIMENSION: MILLIMETERS
3.MAXIMUM LEAD THICKNESS INCLUDES LEAD
FINISH THICKNESS. MINIMUM LEAD THICKNESS
IS THE MINIMUM THICKNESS OF BASE
MATERIAL.
4.463C-01 OBSOLETE, NEW STANDARD 463C-02.
SC-89
2008. 4. 23
3/3
FDS222
Revision No : 0



Html Pages

1 2 3 4