Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LS1022A Fiches technique(PDF) 43 Page - Freescale Semiconductor, Inc

No de pièce LS1022A
Description  TWR-LS1021A Reference Manual
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LS1022A Fiches technique(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button LS1022A Datasheet HTML 39Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 40Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 41Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 42Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 43Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 44Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 45Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 46Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 71 page
background image
Architecture
TWR-LS1021A Reference Manual, Rev. 0
2-28
Freescale Semiconductor
Figure 2-21. MBED architecture
MBED is managed by a Kinetis K20 MCU built on the ARM® Cortex™-M4 core. The Kinetis K20
includes an integrated USB controller that can operate at clock rates up to 50MHz. The MBED circuit
includes a status LED and a pushbutton. The pushbutton asserts the Reset signal to the target processor.
GPIO signals provide an interface to either a JTAG debug port on a target processor. Additionally, signal
connections are available to implement a UART serial channel.
MBED features a mass storage device (MSD) bootloader, which provides a quick and easy mechanism for
loading different MBED Applications such as flash programmers, run-control debug interfaces,
serial-to-USB converters, and more.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71