| Moteur de recherche de fiches techniques de composants électroniques |
|
LS1021A Fiches technique(PDF) 39 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
LS1021A Fiches technique(HTML) 39 Page - Freescale Semiconductor, Inc |
|
39 / 71 page ![]() Architecture TWR-LS1021A Reference Manual, Rev. 0 2-24 Freescale Semiconductor 2.18 Serial ports The TWR-LS1021A connect LS1021A UART1 2-wire serial ports to MBED circuit and convert UART signals to a mini USB connector as console UART. TWR-LS1021A could support a 4-wire LPUART by TWR modules, in this case, RTS/CTS flow control is supported. Figure 2-19 shows an overview of the serial ports. Figure 2-18. Serial architecture To support the 4-wire LPUART, CPLD can select LPUART1 signals from multiplexed SPI2 signals. 2.18.1 UART configuration and setup The UART configuration controls are described in Table 2-17. EVT0_B N.A Unused, pull up only. EVT1_B N.A Unused EVT2_B N.A Unused EVT3_B N.A Unused EVT4_B N.A Unused. EVT9_B SGMII1 Interrupt +1.8V O1VDD, pull-up on board Table 2-16. Interrupt connections (continued) Signal names Connected devices Note |