| Moteur de recherche de fiches techniques de composants électroniques |
|
USB-COM232-PLUS4 Fiches technique(PDF) 3 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
USB-COM232-PLUS4 Fiches technique(HTML) 3 Page - Future Technology Devices International Ltd. |
|
3 / 23 page ![]() Copyright © 2010 Future Technology Devices International Limited 2 Document Reference No.: FT_000148 USB-COM232-PLUS4 Datasheet Version 1.2 Clearance No.: FTDI# 97 Figure 1.2 USB-COM232-PLUS4 Block Diagram 1.3.1 Block description USB MINI B Client Connector This connector provides the interface for connection to a USB Host or Hub port. The maximum cable length is 5 meters, according to the USB 2.0 specification. FTDI FT4232H The FTDI FT4232H provides the Hi-Speed USB-to-Serial conversion. Operating system device drivers are required in order to work with the FT4232H to provide the quad Virtual COM Port serial interfaces. RS232 Level Shifter The RS232 level shifter converts the signals provided by the FT4232H into the voltage levels required by RS232 devices. DE-9P Connector (Male) The DE-9P connector is configured in an industry standard (TIA/EIA-574) pin-out to provide connection to RS232 peripherals through standard cables. See section 3.1.2 USB MINIB Client Connector FTDI FT4232H USB Serial Bridge RS232 Level Shifter DE-9P Connector D DE-9P Connector B DE-9P Connector C DE-9P Connector A RS232 Level Shifter RS232 Level Shifter RS232 Level Shifter |