Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TQFP44 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce TQFP44
Description  44-LEAD THIN QUAD FLAT PACKAGE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TQFP44 Fiches technique(HTML) 5 Page - STMicroelectronics

  TQFP44 Datasheet HTML 1Page - STMicroelectronics TQFP44 Datasheet HTML 2Page - STMicroelectronics TQFP44 Datasheet HTML 3Page - STMicroelectronics TQFP44 Datasheet HTML 4Page - STMicroelectronics TQFP44 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TQFP44 PACKAGE AND PACKING INFORMATION
5/5
TRAY DATA
mm.
inch
A
322.6
12.700
B
315.0 ±0.10
12.402 ±0.004
C
135.9 ±0.10
5.350 ±0.004
D
92.1 ±0.10
3.626 ±0.004
E
15.3 ±0.10
0.602 ±0.004
F
15.3 ±0.10
0.602 ±0.004
G
15.3 ±0.10
0.602 ±0.004
BASE QUANTITY
160 pcs.
BULK QUANTITY
960 pcs.
TRAY SHIPMENT INFORMATION



Html Pages

1 2 3 4 5