Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAB Fiches technique(PDF) 3 Page - JST Mfg. Co., Ltd.

No de pièce BAB
Description  Wire-to-wire
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JST [JST Mfg. Co., Ltd.]
Site Internet  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

BAB Fiches technique(HTML) 3 Page - JST Mfg. Co., Ltd.

  BAB Datasheet HTML 1Page - JST Mfg. Co., Ltd. BAB Datasheet HTML 2Page - JST Mfg. Co., Ltd. BAB Datasheet HTML 3Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
BAB CONNECTOR
Male connector
Housing: PA, Yellow
Retainer: PBT, Natural
Material and Finish
2
300
Q’ty/box
Circuits
Model No.
BABPB-02-1A-Y( )
Assembly layout
Crimping machine, Applicator
Note: When crimping operation is conducted using an applicator and die set other than the above, JST cannot guarantee the performance of the terminal.
Crimp applicator MKS-L
Strip terminal
SAIT-A03( )-M064
SAITW-A03( )-064
Dies
Crimp applicator with dies
APLMK SAIT-A03-064
APLMK SAITW-A03-064
MK/SAIT-A03-064
MK/SAITW-A03-064
Crimping
machine
AP-K2N
12.65
32.8
(37.8)
Note: Key codes other than above-mentioned housing are also available.
Contact JST for details.



Html Pages

1 2 3