Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCUD Fiches technique(PDF) 3 Page - JST Mfg. Co., Ltd.

No de pièce TCUD
Description  Board-to-wire
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JST [JST Mfg. Co., Ltd.]
Site Internet  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

TCUD Fiches technique(HTML) 3 Page - JST Mfg. Co., Ltd.

  TCUD Datasheet HTML 1Page - JST Mfg. Co., Ltd. TCUD Datasheet HTML 2Page - JST Mfg. Co., Ltd. TCUD Datasheet HTML 3Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Harness cover
Dummy plug
Crimping machine, Applicator
Note: When crimping operation is conducted using an applicator and die set other than the above, JST cannot guarantee the performance of the terminal.
Crimp applicator MKS-L
Strip terminal
SZRO-A021T-M0.64
SZRO-A031T-M0.64
Dies
Crimp applicator with dies
APLMK SWPH-A021-064
APLMK SZRO-A031-064
MK/SWPH-A021-064
MK/SZRO-A031-064
Crimping
machine
AP-K2N
PC board layout, Assembly layout
TCUD CONNECTOR
PBT
Material and Finish
600
48
Q’ty/box
Black
Housing Color
Circuits
ZROHC-48H-K-1
Model No.
Material and Finish
PBT, Gray
7,000
Q’ty/box
Model No.
WPHDP-H-1A-H
10.7
4.5
JST
57.7
2.55
0.85
1.7
0
3
3
V
φ0.1 WV
W
(48.4)
(20)
18.275
×48
52.8 0.05
φ2.8 0.05
φ1.2 0.05



Html Pages

1 2 3