| Moteur de recherche de fiches techniques de composants électroniques |
|
20S0R-RWM-KT Fiches technique(PDF) 3 Page - JST Mfg. Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
20S0R-RWM-KT Fiches technique(HTML) 3 Page - JST Mfg. Co., Ltd. |
|
3 / 5 page ![]() 15.2 2.1 8.6 0.7 A B 4.9 2.15 2.85 1.5 Circuit No.1 B 11 RWMYP-11-K 15 17.4 1,000 9 RWMYP-09-K 12 14.4 1,000 A No. of circuits Q’ty/ box Dimensions (mm) Model No. Material and Finish PBT, UL94V-0, black RoHS2 compliance Model No. Applicable wire Q’ty/ reel mm 2 AWG# Insulation O.D. (mm) SRWMP-002T-M0.9 0.08 ~0.13 28~26 0.78 ~1.1 18,000 Material and Finish Copper alloy, nickel-undercoated, overall tin-plated (reflow treatment) RoHS2 compliance Thisproductdisplays(LF)(SN)onalabel. Note: Contact JST for fully automatic crimping applicator. SRWMP-002T-M0.9 MKS-L-10-3 Contact Crimping machine AP-K2N MK/SRWMP-002-09 APLMK SRWMP002-09 Crimp applicator Dies Crimp applicator with dies Applicator 3 RWMCONNECTOR RWM CONNECTOR Disconnectable crimp style Wire-to-wire connectors RWM CONNECTOR RWM CONNECTOR Plug contact for signal circuit Plug signal unit |