| Moteur de recherche de fiches techniques de composants électroniques |
|
UM1718 Fiches technique(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1718 Fiches technique(HTML) 36 Page - STMicroelectronics |
|
36 / 231 page ![]() Installing and running STM32CubeMX UM1718 36/231 DocID025776 Rev 15 3.5.3 Removing libraries Proceed as follows to clean up the repository from old library versions thus saving disk space: 1. Select Help > Install New Libraries to open the New Libraries Manager window. 2. Click a green checkbox to select a package available in stm32cube repository. 3. Click the Remove Now button and confirm. A progress window then opens to show the deletion status. Refer to Figure 17 to Figure 19 for an example. Figure 17. Removing libraries |