| Moteur de recherche de fiches techniques de composants électroniques |
|
AT89S53 Fiches technique(PDF) 14 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AT89S53 Fiches technique(HTML) 14 Page - List of Unclassifed Manufacturers |
|
14 / 26 page ![]() Evalu8r User Manual V2.00 10 Device Support Continued RESET GND Vcc PB (5 I/O) C6 Vcc 1 4 8 AT90S2343 8-Pin Microcontroller External RESET Signal 1 2 3 4 5 6 7 8 RESET VCC (CLOCK) PB3 PB4 PB2 (SCK/T0) PB1 (MISO/INT0 PB0 (MOSI) GND Pinout for the AT90S2343 • Configuration with internal RC Oscillator enabled • 5 I/O lines are available Active LOW RESET Circuit (Refer to page 12) AT90S2343 Scenario Port I/O Function PB 5 Spare I/O PB0 Con3 Link11 PB1 PB2 Con3 Link11 PB3 LED6 PB4 Figure 27 Figure 26 Figure 25 |