Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STUSB4500 Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce STUSB4500
Description  Standalone USB PD sink controller with short-to-VBUS protections
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4500 Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button STUSB4500 Datasheet HTML 25Page - STMicroelectronics STUSB4500 Datasheet HTML 26Page - STMicroelectronics STUSB4500 Datasheet HTML 27Page - STMicroelectronics STUSB4500 Datasheet HTML 28Page - STMicroelectronics STUSB4500 Datasheet HTML 29Page - STMicroelectronics STUSB4500 Datasheet HTML 30Page - STMicroelectronics STUSB4500 Datasheet HTML 31Page - STMicroelectronics STUSB4500 Datasheet HTML 32Page - STMicroelectronics STUSB4500 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
8
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK®
packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions
and product status are available at: www.st.com. ECOPACK® is an ST trademark.
8.1
QFN24 EP 4x4 mm package information
Figure 9. QFN-24 EP (4x4) package information
PLANE
SEATING
0.08 C
C
TOP VIEW
SIDE VIEW
BOTTOM VIEW
Pin#1 ID
D
e
D2
b
L
STUSB4500
Package information
DS12499 - Rev 2
page 29/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41