Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L4A6VG Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce STM32L4A6VG
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, 1MB Flash, 320KB SRAM, USB OTG FS, audio, AESHASH, ext. SMPS
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4A6VG Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button STM32L4A6VG Datasheet HTML 9Page - STMicroelectronics STM32L4A6VG Datasheet HTML 10Page - STMicroelectronics STM32L4A6VG Datasheet HTML 11Page - STMicroelectronics STM32L4A6VG Datasheet HTML 12Page - STMicroelectronics STM32L4A6VG Datasheet HTML 13Page - STMicroelectronics STM32L4A6VG Datasheet HTML 14Page - STMicroelectronics STM32L4A6VG Datasheet HTML 15Page - STMicroelectronics STM32L4A6VG Datasheet HTML 16Page - STMicroelectronics STM32L4A6VG Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 282 page
background image
DS11584 Rev 8
13/282
STM32L4A6xG
Introduction
61
1
Introduction
This datasheet provides the ordering information and mechanical device characteristics of
the STM32L4A6xG microcontrollers.
This document should be read in conjunction with the STM32L4x6 reference manual
(RM0351). The reference manual is available from the STMicroelectronics website
www.st.com.
For information on the Arm®(a) Cortex®-M4 core, please refer to the Cortex®-M4 Technical
Reference Manual, available from the www.arm.com website.
a. Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More