Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H5TQ2G83CFR-RDC Fiches technique(PDF) 3 Page - Hynix Semiconductor

No de pièce H5TQ2G83CFR-RDC
Description  2Gb DDR3 SDRAM
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HYNIX [Hynix Semiconductor]
Site Internet  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5TQ2G83CFR-RDC Fiches technique(HTML) 3 Page - Hynix Semiconductor

  H5TQ2G83CFR-RDC Datasheet HTML 1Page - Hynix Semiconductor H5TQ2G83CFR-RDC Datasheet HTML 2Page - Hynix Semiconductor H5TQ2G83CFR-RDC Datasheet HTML 3Page - Hynix Semiconductor H5TQ2G83CFR-RDC Datasheet HTML 4Page - Hynix Semiconductor H5TQ2G83CFR-RDC Datasheet HTML 5Page - Hynix Semiconductor H5TQ2G83CFR-RDC Datasheet HTML 6Page - Hynix Semiconductor H5TQ2G83CFR-RDC Datasheet HTML 7Page - Hynix Semiconductor H5TQ2G83CFR-RDC Datasheet HTML 8Page - Hynix Semiconductor H5TQ2G83CFR-RDC Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
Rev. 1.0 / Apr. 2013
3
Description
The H5TQ2G43CFR-xxC, H5TQ2G83CFR-xxC are a 2,147,483,648-bit CMOS Double Data Rate III (DDR3)
Synchronous DRAM, ideally suited for the main memory applications which requires large memory density
and high bandwidth. SK hynix 2Gb DDR3 SDRAMs offer fully synchronous operations referenced to both
rising and falling edges of the clock. While all addresses and control inputs are latched on the rising edges
of the CK (falling edges of the CK), Data, Data strobes and Write data masks inputs are sampled on both
rising and falling edges of it. The data paths are internally pipelined and 8-bit prefetched to achieve very
high bandwidth.
Device Features and Ordering Information
FEATURES
• VDD=VDDQ=1.5V +/- 0.075V
• Fully differential clock inputs (CK, CK) operation
• Differential Data Strobe (DQS, DQS)
• On chip DLL align DQ, DQS and DQS transition with CK
transition
• DM masks write data-in at the both rising and falling
edges of the data strobe
• All addresses and control inputs except data,
data strobes and data masks latched on the
rising edges of the clock
• Programmable CAS latency 5, 6, 7, 8, 9, 10, 11, 12, 13
and 14 supported
• Programmable additive latency 0, CL-1, and CL-2
supported
• Programmable CAS Write latency (CWL) = 5, 6, 7, 8, 9,
10
• Programmable burst length 4/8 with both nibble
sequential and interleave mode
• BL switch on the fly
• 8banks
• AverageRefreshCycle (Tcaseof0 oC~95oC)
- 7.8 µs at 0oC ~ 85 oC
- 3.9 µs at 85oC ~ 95 oC
• JEDEC standard 78ball FBGA(x4/x8)
• Driver strength selected by EMRS
• Dynamic On Die Termination supported
• Asynchronous RESET pin supported
• ZQ calibration supported
• TDQS (Termination Data Strobe) supported (x8 only)
• Write Levelization supported
• 8 bit pre-fetch
• This product in compliance with the RoHS directive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33