Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H5TQ2G43CFR-RDC Fiches technique(PDF) 31 Page - Hynix Semiconductor

No de pièce H5TQ2G43CFR-RDC
Description  2Gb DDR3 SDRAM
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HYNIX [Hynix Semiconductor]
Site Internet  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5TQ2G43CFR-RDC Fiches technique(HTML) 31 Page - Hynix Semiconductor

Back Button H5TQ2G43CFR-RDC Datasheet HTML 25Page - Hynix Semiconductor H5TQ2G43CFR-RDC Datasheet HTML 26Page - Hynix Semiconductor H5TQ2G43CFR-RDC Datasheet HTML 27Page - Hynix Semiconductor H5TQ2G43CFR-RDC Datasheet HTML 28Page - Hynix Semiconductor H5TQ2G43CFR-RDC Datasheet HTML 29Page - Hynix Semiconductor H5TQ2G43CFR-RDC Datasheet HTML 30Page - Hynix Semiconductor H5TQ2G43CFR-RDC Datasheet HTML 31Page - Hynix Semiconductor H5TQ2G43CFR-RDC Datasheet HTML 32Page - Hynix Semiconductor H5TQ2G43CFR-RDC Datasheet HTML 33Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
Rev. 1.0 / Apr. 2013
31
DDR3-2133 Speed Bins
For specific Notes See "Speed Bin Table Notes" on page 32.
Speed Bin
DDR3-2133N
Unit
Note
CL - nRCD - nRP
14-14-14
Parameter
Symbol
min
max
Internal read command to
first data
tAA
13.09
20.0
ns
ACT to internal read or write
delay time
tRCD
13.09
—
ns
PRE command period
tRP
13.09
—
ns
ACT to PRE command period
tRAS
33.0
9 * tREFI
ns
ACT to ACT or PRE
command period
tRC
46.09
-
ns
CL = 5
CWL = 5
tCK(AVG)
Reserved
ns
1,2,3,4,10
CWL = 6,7,8,9,10 tCK(AVG)
Reserved
ns
4
CL = 6
CWL = 5
tCK(AVG)
2.5
3.3
ns
1,2,3,10
CWL = 6
tCK(AVG)
Reserved
ns
1,2,3,4,10
CWL = 7,8,910
tCK(AVG)
Reserved
ns
4
CL = 7
CWL = 5
tCK(AVG)
Reserved
ns
4
CWL = 6
tCK(AVG)
1.875
< 2.5
ns
1,2,3,10
CWL = 7
tCK(AVG)
Reserved
ns
1,2,3,4,10
CWL = 8,9,10
tCK(AVG)
Reserved
ns
4
CL = 8
CWL = 5
tCK(AVG)
Reserved
ns
4
CWL = 6
tCK(AVG)
1.875
< 2.5
ns
1,2,3,10
CWL = 7
tCK(AVG)
Reserved
ns
1,2,3,4,10
CWL = 8,9,10
tCK(AVG)
Reserved
ns
4
CL = 9
CWL = 5, 6
tCK(AVG)
Reserved
ns
4
CWL = 7
tCK(AVG)
1.5
<1.875
ns
1,2,3,10
CWL = 8
tCK(AVG)
Reserved
ns
1,2,3,4,10
CWL = 9,10
tCK(AVG)
Reserved
ns
4
CL = 10
CWL = 5, 6
tCK(AVG)
Reserved
ns
4
CWL = 7
tCK(AVG)
1.5
<1.875
ns
1,2,3,10
CWL = 8
tCK(AVG)
Reserved
ns
1,2,3,4,10
CWL = 9
tCK(AVG)
Reserved
ns
4
CWL = 10
tCK(AVG)
Reserved
ns
4
CL = 11
CWL = 5,6,7
tCK(AVG)
Reserved
ns
4
CWL = 8
tCK(AVG)
1.25
<1.5
ns
1,2,3,10
CWL = 9
tCK(AVG)
Reserved
ns
1,2,3,4,10
CWL = 10
tCK(AVG)
Reserved
ns
1,2,3,4
CL = 12
CWL = 5,6,7,8
tCK(AVG)
Reserved
ns
4
CWL = 9
tCK(AVG)
Reserved
ns
1,2,3,4,10
CWL = 10
tCK(AVG)
Reserved
ns
4
CL = 13
CWL = 5,6,7,8
tCK(AVG)
Reserved
ns
4
CWL = 9
tCK(AVG)
1.07
<1.25
ns
1,2,3,10
CWL = 10
tCK(AVG)
Reserved
1,2,3,4
CL = 14
CWL = 5,6,7,8,9
tCK(AVG)
Reserved
ns
4
CWL = 10
tCK(AVG)
0.935
<1.07
ns
1,2,3
Supported CL Settings
6, 7, 8, 9, 10, 11, 13, 14
nCK
Supported CWL Settings
5, 6, 7, 8, 9, 10
nCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33