Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SSD1963QL9 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce SSD1963QL9
Description  1215KB Embedded Display SRAM LCD Display Controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963QL9 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  SSD1963QL9 Datasheet HTML 1Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 2Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 3Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 4Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 5Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 93 page
background image
Solomon Systech
Jan 2010
P 2/93
Rev 1.1
SSD1963
Appendix: IC Revision history of SSD1963 Specification
Version
Change Items
Effective Date
0.10
21-Nov-08
1
st Release
24-Nov-08
0.10
08-Dec-08
1.
Changed the set_pll_mnk to set_pll_mn in section 7.2
2.
Change register name in section 8
3.
Removed ABC
4.
Revised description for REG 0x00, 0x01, 0x0C, 0x0D, 0x0E, 0x10, 0x11,
0x21, 0x26, 0x28, 0x2A, 0x2B, 0x2C, 0x2E, 0x33, 0x34, 0x35, 0x36, 0x37,
0x3A, 0x3C, 0x3E, 0x44, 0x45, 0xA1, 0xB0, 0xB1, 0xB4, 0xB5, 0xB6, 0xB7,
0xB8, 0xB9, 0xBE, 0xBF, 0xD0, 0xD1, 0xD4, 0xE5.
5.
Added max VIH in Table 12-1
6.
Added Table 9-1
7.
Added Table 11-1
8.
Revised Figure 9-19
9.
Revised Figure 14-2
10. Revised Figure 13-5
11. Corrected typo for Table 7-2
12. Revised test condition for 12 and 13
10-Dec-08
1.0
07-May-09
1.
Changed status to Advance Information
2.
Update min/max rating of VDDD and VDDPLL in Table 11-1
3.
Added tape and reel drawing of 128-pin LQFP package in Section 15.3
4.
Revised Section 13.2 5.
5.
Added 12 bits for Table 7-1
6.
Removed TTL interface
7.
Revised section 7.1.5
8.
Change the title of section 7.2
9.
Revised command description in section 8
10. Removed the command 0x0C and 0x3A
11. Added figures in section 13.4
12. Revised figures in section 13.3
13. Revise Table 6-1
18-May-09
1.1
23-Dec-09
1.
Update Table 7-1
2.
Revised section 9.72
18-Jan-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93