Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSA1103 Fiches technique(PDF) 21 Page - Microchip Technology

No de pièce DSA1103
Description  Low-Jitter Precision LVDS Oscillator for Automotive
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA1103 Fiches technique(HTML) 21 Page - Microchip Technology

Back Button DSA1103 Datasheet HTML 17Page - Microchip Technology DSA1103 Datasheet HTML 18Page - Microchip Technology DSA1103 Datasheet HTML 19Page - Microchip Technology DSA1103 Datasheet HTML 20Page - Microchip Technology DSA1103 Datasheet HTML 21Page - Microchip Technology DSA1103 Datasheet HTML 22Page - Microchip Technology DSA1103 Datasheet HTML 23Page - Microchip Technology DSA1103 Datasheet HTML 24Page - Microchip Technology DSA1103 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
© 2018 Microchip Technology Incorporated
RECOMMENDED LAND PATTERN
Dimension Limits
Units
Optional Center Pad Width
Contact Pitch
X2
0.60
MILLIMETERS
1.05 BSC
MIN
E
MAX
Contact Pad Length (X20)
Contact Pad Width (X20)
Y
X1
0.80
1.00
NOM
SILK SCREEN
12
6
C
Contact Pad Spacing
2.00
Contact Pad to Contact Pad (X3)
G1
0.75
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
1.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
CH
G1
C
X1
X2
G2
E
Y
Contact Pad to Contact Pad (X4)
G2
0.25
Terminal 1 Corner Chamfer
CH
0.28
Microchip Technology Drawing C04-03252 Rev A
6-Lead Very Thin Plastic Dual Flat, No Lead Package (KDA) - 3.2x2.5 mm Body [VDFN]
With Stepped Wettable Flanks
 2019 Microchip Technology Inc.
DS20005891A-page 21
DSA1103/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28