Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSC1001AI2-T Fiches technique(PDF) 14 Page - Microchip Technology

No de pièce DSC1001AI2-T
Description  1.8V-3.3V Low-Power Precision CMOS Oscillators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC1001AI2-T Fiches technique(HTML) 14 Page - Microchip Technology

Back Button DSC1001AI2-T Datasheet HTML 10Page - Microchip Technology DSC1001AI2-T Datasheet HTML 11Page - Microchip Technology DSC1001AI2-T Datasheet HTML 12Page - Microchip Technology DSC1001AI2-T Datasheet HTML 13Page - Microchip Technology DSC1001AI2-T Datasheet HTML 14Page - Microchip Technology DSC1001AI2-T Datasheet HTML 15Page - Microchip Technology DSC1001AI2-T Datasheet HTML 16Page - Microchip Technology DSC1001AI2-T Datasheet HTML 17Page - Microchip Technology DSC1001AI2-T Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
DSC1001/3/4
DS20005529B-page 14
 2017 Microchip Technology Inc.
4-Lead DFN 7.0 mm x 5.0 mm Package Outline & Recommended Land Pattern
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com